Part Number Hot Search : 
167BZXI 3105V 10A00 EPA2127A EC3CB14 Q980000 MX29LV 83251
Product Description
Full Text Search
 

To Download CNY17G-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CNY17
Vishay Semiconductors
Optocoupler, Phototransistor Output, With Base Connection
Features
* * * * * Isolation Test Voltage 5300 VRMS Long Term Stability Industry Standard Dual-in-Line Package e3 Lead-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
A C NC
1 2 3
6B 5C 4E
Agency Approvals
* Underwriters Lab File #E52744 System Code H or J * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending * BSI IEC60950 IEC60065 * FIMKO
i179004
Order Information
Part CNY17-1 CNY17-2 CNY17-3 CNY17-4 CNY17-1X006 CNY17-1X007 CNY17-1X009 CNY17-2X006 CNY17-2X007 CNY17-2X009 CNY17-3X006 CNY17-3X007 CNY17-3X009 CNY17-4X006 CNY17-4X007 CNY17-4X009 Remarks CTR 40 - 80 %, DIP-6 CTR 63 - 125 %, DIP-6 CTR 100 - 200 %, DIP-6 CTR 160 - 320 %, DIP-6 CTR 40 - 80 %, DIP-6 400 mil (option 6) CTR 40 - 80 %, SMD-6 (option 7) CTR 40 - 80 %, SMD-6 (option 9) CTR 63 - 125 %, DIP-6 400 mil (option 6) CTR 63 - 125 %, SMD-6 (option 7) CTR 63 - 125 %, SMD-6 (option 9) CTR 100 - 200 %, DIP-6 400 mil (option 6) CTR 100 - 200 %, SMD-6 (option 7) CTR 100 - 200 %, SMD-6 (option 9) CTR 160 - 320 %, DIP-6 400 mil (option 6) CTR 160 - 320 %, SMD-6 (option 7) CTR 160 - 320 %, SMD-6 (option 9)
Description
The CNY17 is an optically coupled pair consisting of a Gallium Arsenide infrared emitting diode optically coupled to a silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. The CNY17 can be used to replace relays and transformers in many digital interface applications, as well as analog applications such as CRT modulation.
For additional information on the available options refer to Option Information.
Document Number 83606 Rev. 1.5, 26-Oct-04
www.vishay.com 1
CNY17
Vishay Semiconductors Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Reverse voltage Forward current Surge current Power dissipation t 10 s Test condition Symbol VR IF IFSM Pdiss Value 6.0 60 2.5 100 Unit V mA A mW
Output
Parameter Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector current t < 1.0 ms Power dissipation Test condition Symbol BVCEO BVEBO IC IC Pdiss Value 70 7.0 50 100 150 Unit V V mA mA mW
Coupler
Parameter Isolation test voltage (between emitter & detector referred to climate DIN 50014, part 2, Nov. 74) Creepage distance Clearance distance Isolation thickness between emitter and detector Comparative tracking index per DIN IEC 112/VDE0303, part 1 Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C Storage temperature Operating temperature Soldering temperature max. 10 s, dip soldering: distance to seating plane 1.5 mm RIO RIO Tstg Tamb Tsld t = 1 sec Test condition Symbol VISO Value 5300 Unit VRMS
7.0 7.0 0.4 175 1012 1 0
11
mm mm mm
C C C
- 55 to + 150 - 55 to + 100 260
www.vishay.com 2
Document Number 83606 Rev. 1.5, 26-Oct-04
CNY17
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter Forward voltage Breakdown voltage Reserve current Capacitance Thermal resistance Test condition IF = 60 mA IR = 10 mA VR = 6.0 V VR = 0 V, f = 1.0 MHz Symbol VF VBR IR CO Rth 6.0 0.01 25 750 10 Min Typ. 1.25 Max 1.65 Unit V V A pF K/W
Output
Parameter Collector-emitter capacitance Collector - base capacitance Emitter - base capacitance Thermal resistance Test condition VCE = 5.0 V, f = 1.0 MHz VCB = 5.0 V, f = 1.0 MHz VEB = 5.0 V, f = 1.0 MHz Symbol CCE CCB CEB Rth Min Typ. 5.2 6.5 7.5 500 Max Unit pF pF pF K/W
Coupler
Parameter Collector-emitter saturation voltage Coupling capacitance Collector-emitter leakage current VCE = 10 V, ICEO CNY17-1 CNY17-2 CNY17-3 CNY17-4 Test condition VF = 10 mA, IC = 2.5 mA Part Symbol VCEsat CC ICEO ICEO ICEO ICEO Min Typ. 0.25 0.6 2.0 2.0 5.0 5.0 50 50 100 100 Max 0.4 Unit V pF nA nA nA nA
Current Transfer Ratio
Current Transfer Ratio and collector-emitter leakage current by dash number (TambC) Parameter IC/IF Test condition IF = 10 mA, VCE = 5.0 V Part CNY17-1 CNY17-2 CNY17-3 CNY17-4 IF = 1.0 mA, VCE = 5.0 V CNY17-1 CNY17-2 CNY17-3 CNY17-4 Symbol CTR CTR CTR CTR CTR CTR CTR CTR Min 40 63 100 160 13 22 34 56 30 45 70 90 Typ. Max 80 125 200 320 Unit % % % % % % % %
Document Number 83606 Rev. 1.5, 26-Oct-04
www.vishay.com 3
CNY17
Vishay Semiconductors Switching Characteristics
Linear operation (without saturation) Parameter Turn-on time Rise time Turn-off time Fall time Cut-off frequency Test condition IF = 10 mA, VCC = 5.0 V, RL = 75 W IF = 10 mA, VCC = 5.0 V, RL = 75 W IF = 10 mA, VCC = 5.0 V, RL = 75 W IF = 10 mA, VCC = 5.0 V, RL = 75 W IF = 10 mA, VCC = 5.0 V, Test condition IF = 20 mA IF = 10 mA IF = 5.0 mA Rise time IF = 20 mA IF = 10 mA IF = 5.0 mA Turn-off time IF = 20 mA IF = 10 mA IF = 5.0 mA Fall time IF = 20 mA IF = 10 mA IF = 5.0 mA Symbol ton tr toff tf fCO Part CNY17-1 CNY17-2 CNY17-3 CNY17-4 CNY17-1 CNY17-2 CNY17-3 CNY17-4 CNY17-1 CNY17-2 CNY17-3 CNY17-4 CNY17-1 CNY17-2 CNY17-3 CNY17-4 Symbol ton ton ton ton tf tf tf tf toff toff toff toff tf tf tf tf Min Typ. 3.0 2.0 2.3 2.0 250 Max Unit s s s s kHz
Switching operation (with saturation) Parameter Turn-on time Min Typ. 3.0 4.2 4.2 6.0 2.0 3.0 3.0 4.6 18 23 23 25 11 14 14 15 Max Unit s s s s s s s s s s s s s s s s
Typical Characteristics (Tamb = 25 C unless otherwise specified)
IF
RL = 75 IC VCC = 5 V
IF
1 K VCC = 5 V
47
47
icny17_01
icny17_02
Figure 1. Linear Operation ( without Saturation)
Figure 2. Switching Operation (with Saturation)
www.vishay.com 4
Document Number 83606 Rev. 1.5, 26-Oct-04
CNY17
Vishay Semiconductors
(TA = -25C, VCE = 5.0 V) IC/IF = f (IF)
(TA = 50C, VCE = 5.0 V) IC/IF = f (IF)
1
2 3 4
1 2 3 4
icny17_06 icny17_03
Figure 3. Current Transfer Ratio vs. Diode Current
Figure 6. Current Transfer Ratio vs. Diode Current
(T A = 0 C, V CE = 5.0 V) I C /I F = f (I F )
(TA = 75C, VCE = 5.0 V)
1 2 3
1 2 3 4
icny17_04
icny17_07
Figure 4. Current Transfer Ratio vs. Diode Current
Figure 7. Current Transfer Ratio vs. Diode Current
(TA = 25C, VCE = 5.0 V) IC/IF = f (IF)
(IF = 10 mA, VCE = 5.0 V) IC/IF = f (T)
4 3 1 2 3 4 2 1
icny17_05
icny17_08
TA
Figure 5. Current Transfer Ratio vs. Diode Current
Figure 8. Current Transfer Ratio (CTR) vs. Temperature
Document Number 83606 Rev. 1.5, 26-Oct-04
www.vishay.com 5
CNY17
Vishay Semiconductors
IC = f (VCE) ( IF = 0) ICEO = f (V,T) ( IF = 0)
icny17_09
icny17_12
Figure 9. Transistor Characteristics
Figure 12. Collector-Emitter off-state Current
VCEsat = f (IC) IC = f (VCE)
icny17_10
icny17_13
Figure 10. Output Characteristics
Figure 13. Saturation Voltage vs Collector Current and Modulation Depth CNY17-1
VF = f (IF) VCEsat = f (IC)
icny17_11
icny17_14
Figure 11. Forward Voltage
Figure 14. Saturation Voltage vs. Collector Current and Modulation Depth CNY17-2
www.vishay.com 6
Document Number 83606 Rev. 1.5, 26-Oct-04
CNY17
Vishay Semiconductors
VCEsat = f (IC)
icny17_15
Figure 15. Saturation Voltage vs. Collector Current and Modulation Depth CNY17-3
V
VCEsat = f (IC)
icny17_16
Figure 16. Saturation Voltage vs. Collector Current and Modulation Depth CNY17-4
Ptot = f (TA)
icny17_18
Figure 17. Permissible Power Dissipation for Transistor and Diode
Document Number 83606 Rev. 1.5, 26-Oct-04
www.vishay.com 7
CNY17
Vishay Semiconductors Package Dimensions in Inches (mm)
pin one ID
3 .248 (6.30) .256 (6.50) 4
2
1
5
6
ISO Method A
.335 (8.50) .343 (8.70) .039 (1.00) Min. 4 typ. .018 (0.45) .022 (0.55)
i178004
.048 (0.45) .022 (0.55) .130 (3.30) .150 (3.81)
.300 (7.62) typ.
18 .031 (0.80) min. .031 (0.80) .035 (0.90) .100 (2.54) typ. 3-9 .010 (.25) typ. .300-.347 (7.62-8.81)
.114 (2.90) .130 (3.0)
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4) 0.028 (0.7) MIN.
Option 7
0.300 (7.62) TYP .
Option 9
0.375 (9.53) 0.395 (10.03) 0.300 (7.62) ref.
0.180 (4.6) 0.160 (4.1) 0.0040 (0.102)
0.315 (8.0) MIN. 0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92) 0.331 (8.4) MIN. 0.406 (10.3) MAX.
0.0098 (0.249)
0.020 (0.51) 0.040 (1.02)
0.012 (0.30 ) typ .
0.315 (8.00) min.
15 max.
18450
www.vishay.com 8
Document Number 83606 Rev. 1.5, 26-Oct-04
CNY17
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number 83606 Rev. 1.5, 26-Oct-04
www.vishay.com 9
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of CNY17G-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X